PART |
Description |
Maker |
BC313 |
Tranzystor krzemowy redniej mocy, maej czstotliwoci IC MAX 7000 CPLD 64 100-TQFP
|
Ultra CEMI
|
TSC51C2XXX-12IB TSC51C2XXX-16IB TSC51C2XXX-A12IB T |
IC MAX 7000 CPLD 512 208-PQFP IC MAX IIZ CPLD 570 LE 256-MBGA IC MAX 7000 CPLD 512 256-FBGA 484-pin FineLine BGA RoHS Compliant: Yes 956-pin BGA RoHS Compliant: Yes IC,FPGA,32470-CELL,CMOS,BGA,1020PIN,PLASTIC FPGA Logic IC Logic Type:FPGA; No. of Macrocells:726; Package/Case:1020-BGA; Leaded Process Compatible:No; Number of Circuits:32; IC,FPGA,4800-CELL,CMOS,BGA,484PIN,PLASTIC IC,FPGA,10570-CELL,CMOS,BGA,672PIN,PLASTIC IC,FPGA,14400-CELL,CMOS,BGA,780PIN,PLASTIC No. of Macrocells:192; No. of Pins:68; Operating Temp. Max:85°C; Operating Temp. Min:0°C; Propagation Delay:7.5ns RoHS Compliant: Yes; No. of Macrocells:192; No. of Pins:100; Operating Temp. Max:85°C; Operating Temp. Min:0°C; Propagation Delay:7.5ns RoHS Compliant: Yes; No. of Macrocells:160; No. of Pins:84; Operating Temp. Max:70 C; Operating Temp. Min:0 C; Propagation Delay:10ns RoHS Compliant: Yes; No. of Macrocells:440; No. of Pins:100; Operating Temp. Max:85°C; Operating Temp. Min:0°C; Propagation Delay:9ns RoHS Compliant: Yes; 8-BIT MICROCONTROLLER 8位微控制 IC MAX 7000 CPLD 128 100-PQFP 8位微控制 IC MAX 7000 CPLD 160 84-PLCC 8位微控制
|
TE Connectivity, Ltd. Diodes, Inc. Semtech, Corp.
|
ATF1508RE-7AU100 ATF1508RE-5AX100 |
128 MC CPLD, 3.3V ISP CPLD, 100-pin TQFP(EPLD) EE PLD, PQFP100 Highperformance CPLD
|
Atmel, Corp. ATMEL Corporation
|
ST49C154CF16-22 |
MAX 3000A CPLD 32 MC 44-TQFP 模拟IC
|
TE Connectivity, Ltd.
|
YG835C04R |
MAX 7000 CPLD 256 MC 208-RQFP 肖特基二极管 SCHOTTKY BARRIER DIODE
|
Fuji Electric Holdings Co., Ltd. ETC List of Unclassifed Manufacturers
|
ST49C101A-07 ST49C101A-09 ST49C101A-01 ST49C101A-0 |
MAX II CPLD 240 LE 100-MBGA MAX II CPLD 2210 LE 256-FBGA MAX II CPLD 570 LE 256-FBGA MAX II CPLD 2210 LE 324-FBGA MAX II CPLD 570 LE 100-FBGA MAX II CPLD 240 LE 100-FBGA 变频
|
ALPS Electric Co., Ltd.
|
BC327-25 BC327-40 BC327 BC327-16 BC327_3 BC327/RR |
MAX 3000A CPLD 64 MC 100-TQFP PNP general purpose transistor Amplifier Transistors(PNP) From old datasheet system
|
PHILIPS[Philips Semiconductors] Motorola Inc NXP Semiconductors
|
PUMA2S16000M-35 PUMA2S16000M-020 PUMA77S16000M-025 |
30MHZ, 8 LAP, IND TEMP, GREEN(FPGA) 15NS, 100 PQFP, IND TEMP(EPLD) 25NS, 100 PQFP, IND TEMP(EPLD) 20NS, 68 PLCC, COM TEMP(EPLD) 30MHZ, 3.3V, 8 LAP, IND TEMP(FPGA) 7NS, 100 TQFP, COM TEMP(EPLD) 32 MC CPLD,1.8V ISP CPLD,44 PIN TQFP(EPLD) x32 SRAM Module X32号的SRAM模块
|
Fujitsu, Ltd.
|
LM358G-SM1-R LM358G-P08-R LM358G-D08-T LM358G-P08- |
DUAL OPERATIONAL AMPLIFIER DUAL OP-AMP, 7000 uV OFFSET-MAX, DIP8 DUAL OPERATIONAL AMPLIFIER DUAL OP-AMP, 7000 uV OFFSET-MAX, PDSO8 DUAL OPERATIONAL AMPLIFIER DUAL OP-AMP, 7000 uV OFFSET-MAX, SIP9 DUAL OPERATIONAL AMPLIFIER
|
Unisonic Technologies Co., Ltd.
|
HA9P2605-9 |
OP-AMP, 7000 uV OFFSET-MAX, 12 MHz BAND WIDTH, PDSO8
|
HARRIS SEMICONDUCTOR
|
NE532N |
DUAL OP-AMP, 7000 uV OFFSET-MAX, 1.1 MHz BAND WIDTH, PDIP8
|
STMICROELECTRONICS
|
AP358FE-13 |
DUAL OP-AMP, 7000 uV OFFSET-MAX, 1 MHz BAND WIDTH, PDSO8
|
DIODES INC
|
|